Part Number Hot Search : 
2SC4691J B250C37 BK210F K3209 HL6364DG 76M00 MK316B MT321012
Product Description
Full Text Search
 

To Download ISL59831 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL59831
Data Sheet March 29, 2007 FN6266.0
Single Supply Video Driver with Reconstruction Filter and Charge Pump
The ISL59831 is a single supply video driver with reconstruction filter and charge pump. It is designed to drive SDTV displays with luma (Y) or composite video (CV) signals. It operates on a single supply (3.0V to 3.6V) and generates its own negative supply (-1.9V) using a regulated charge pump. Input signal can be AC or DC coupled. When AC coupled, the sync tip clamp sets the blank level to ground at the output, ensuring that the sync-tip voltage level is set to approximately -300mV at the back-termination resistor of a standard video load. The ISL59831 is capable of driving two AC or DC coupled standard video loads. The device also features a 4th order Butterworth reconstruction filter with nominal -3dB frequency set to 9.1MHz, providing 44dB of attenuation at 27MHz. When powered down, the device draws 2A supply current. Nominal operational current is 15mA. The ISL59831 is available in 12 Ld TDFN package and operates from the -40C to +85C temperature range.
Features
* 3.3V Nominal Supply, Operates Down to 3.0V * DC-Coupled or AC-Coupled Input or Output * Eliminates Need for Large Output Coupling Capacitor * Internal Sync Tip Clamp Puts the Backporch to Ground at the Output * Drives Two Standard Video Loads * Response Flat to 5MHz and 44dB Attenuation at 27MHz * Pb-free Plus Anneal Available (RoHs Compliant)
Applications
* Set-Top Box Receiver * Televisions * DVD Players * Digital Displays * Cell Phones * Digital Cameras
Pinout
ISL59831 (12 LD TDFN) TOP VIEW
IN GND GND VCC ENABLE GCP 1 2 3 4 5 6 12 OUT 11 VEEIN 10 CPVEEOUT 9 8 7 CP CN VCP
Simplified Block Diagram
ISL59831
VIDEO IN
LOWPASS FILTER CLAMP
x2
VIDEO OUT
CHARGE PUMP
Ordering Information
PART NUMBER ISL59831IRTZ PART TAPE & MARKING REEL 83IZ 7" PACKAGE PKG. DWG. #
12 Ld 4x3 TDFN L12.4x3A 12 Ld 4x3 TDFN L12.4x3A
ISL59831IRTZ-T7 83IZ
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL59831 Pin Descriptions
NUMBER 1 2, 3 4 5 6 7 8 9 10 11 12 NAME IN GND VCC ENABLE GCP VCP CN CP CPVEEOUT VEEIN OUT EP Video Input. AC-couple (0.1F) or DC-couple Ground Positive Power Supply. Bypass to GND with a 0.1F capacitor. Enable. Connect to VCC to enable device. Charge Pump Ground Charge Pump Power Supply. Bypass with a 0.1F capacitor to GCP. Charge-Pump Flying Capacitor Negative Terminal. Connect a 56nF capacitor from CP to CN. Charge-Pump Flying Capacitor Positive Terminal. Connect a 56nF capacitor from CP to CN. Charge Pump Negative Output. Bypass with a 0.22F capacitor to GCP. Negative Supply. Connect an RC filter between VEEIN and CPVEEOUT. See "Block Diagram/Typical Application Circuit" on page 2. Video Output. Can be AC-coupled (220F) or DC-coupled Open or connect to VEEIN FUNCTION
Block Diagram/Typical Application Circuit
3.0V TO 3.6V
4.7F
0.1F
VCC ENABLE
LUMA OR CV VIDEO SOURCE
IN
LPF 9MHz
LEVEL SHIFT
X2
OUT 75 75
CLAMP + ISL59831 GND GND -593mV
2
VEEIN CPVEEOUT 3.0V TO 3.6V VCP CHARGE PUMP CCP 0.1F 4.7F GCP CP 56nF CF CN 20 RFIL 0.1F CS CFIL 0.22F
FN6266.0 March 29, 2007
ISL59831
Absolute Maximum Ratings (TA = +25C)
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V VIN to GND . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . 50mA Maximum Current into Any Pin . . . . . . . . . . . . . . . . . . . . . . . 50mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3500V Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .350V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA (C/W) JC (C/W) 4x3 TDFN Package . . . . . . . . . . . . . . . 41 3.5 Maximum Junction Temperature (Plastic Package) . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. JC, "case temperature" location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
SYMBOL PARAMETER
VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20%, CIN = 0.1F 20%, RL = 150, CL = 0pF, TA = +27C, unless otherwise specified. CONDITIONS MIN TYP MAX UNIT
DC CHARACTERISTICS VCC, VCP CPVEE ICC ICP IPD IIN AV VIN_MAX Supply Range Charge Pump Output Supply Current Charge Pump Supply Current Power Down Current Input Pulldown Current DC Gain Max DC Input Range DC-Coupled Input, guaranteed by output linearity No load No load ENABLE = 0.4V VIN = 0.5V 0.5 1.9 1.4 -500 0 -530 2 35 -550 40 -592 3.9 50 -600 80 -650 3.0 -1.1 4 5 3.3 -1.9 6 9 2 2 2 3.6 -2.4 8.5 20 5 4.5 2.06 V V mA mA A A V/V V mV mV mV mA dB
VCLAMPOUT Output Sync Tip Clamp Sync height = 293mV, VIN 0, AC-coupled input Level VCLAMPIN Input Clamp Level VOS ICLAMP PSRRDC Output Level Shift Clamp Restore Current Input floating Sync height = 293mV, VIN > 0, output shifted relative to input, DC-coupled input Force VIN = -0.3V
Power Supply Rejection VCC = +3.0 to +3.6
AC CHARACTERISTICS APB ASB dG dP SNR Passband Flatness Stopband Attenuation Differential Gain Differential Phase Signal to Noise Ratio f = 100kHz to 5MHz relative to 100kHz f 27MHz relative to 100kHz 5-step modulated staircase 5-step modulated staircase Peak signal (1.4VP-P) to RMS noise, f = 10Hz to 50MHz 0 25 44 0.4 0.35 59 2 dB dB % dB
3
FN6266.0 March 29, 2007
ISL59831
Electrical Specifications
SYMBOL tg tg HDIST VDIST tCLAMP PSRR LOGIC VIL VIH II Logic Low Input Voltage Logic High Input Voltage Logic Input Current Source 2.0 -10 10 0.8 V V A PARAMETER DC Group Delay Group Delay Deviation Line Time Distortion Field Time Distortion Clamp Settling Time Group delay at 100kHz Deviation from 100kHz to 3.58MHz 18s, 100 IRE 130 Lines, 18s, 100 IRE Back porch to 1% of final value VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20%, CIN = 0.1F 20%, RL = 150, CL = 0pF, TA = +27C, unless otherwise specified. (Continued) CONDITIONS MIN TYP 56 10 0.1 0.1 50 32 MAX UNIT ns ns % % Lines dB
Power Supply Rejection VCC + 100mVP-P sine, f = 100kHz to 5MHz
CHARGE PUMP fCP VOUTCP Charge Pump Clock Frequency Charge Pump Noise Coupling RFIL = 20, CFIL = 0.22F, measured at output 15 10.8 MHz mVP-P
4
FN6266.0 March 29, 2007
ISL59831 Typical Performance Curves VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20,
CIN = 0.1F 20%, RL = 150, CL = 0pF, unless otherwise noted.
10 0 -10 -2 GAIN (dB) GAIN (dB) -20 RL = 500 -30 -40 -50 RL = 150 -60 VOUT = 2VP-P CL = 0pF -70 0.1M RL = 75 -10 1M FREQUENCY (Hz) 10M 100M 0.1M 1M 10M 100M FREQUENCY (Hz) -8 RL = 1000 -4 -6 2 0
CL = 220pF CL = 150pF
CL = 10pF
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS RLOAD
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS CLOAD
2.0 VOUT = 2VP-P 1.5 CL = 11pF RL = 150 1.0 GAIN (dB) 0.5 0.0 -0.5 -1.0 -1.5 -2.0 0.1M
9.16 9.15 3dB ROLL-OFF (MHz) 1M FREQUENCY (Hz) 10M 9.14 9.13 9.12 9.11 9.10 3.0 3.1 3.2 3.3 3.4 SUPPLY VOLTAGE (V) 3.5 3.6
FIGURE 3. GAIN FLATNESS vs FREQUENCY
FIGURE 4. 3dB ROLL-OFF vs SUPPLY VOLTAGE
1.6 1.5 PEAKING (dB) 1.4 1.3 1.2 1.1 1.0 CL = 220pF RL = 150 ISOLATION (dB) 3.0 3.1 3.2 3.3 3.4 3.5 3.6
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 0.1M 1M 10M FREQUENCY (Hz) 100M
SUPPLY VOLTAGE (V)
FIGURE 5. PEAKING vs SUPPLY VOLTAGE (CL = 220pF)
FIGURE 6. INPUT TO OUTPUT ISOLATION vs FREQUENCY
5
FN6266.0 March 29, 2007
ISL59831 Typical Performance Curves VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20,
CIN = 0.1F 20%, RL = 150, CL = 0pF, unless otherwise noted. (Continued)
18 16 SUPPLY CURRENT (mA) 14 3dB POINT (MHz) 12 10 8 6 4 8.9 2 0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 8.8 -40 -15 10 35 60 85 9.2 9.1 9.0 9.4
NO LOAD
9.3 INPUT FLOATING
SUPPLY VOTLAGE (V)
TEMPERATURE (C)
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. BANDWIDTH vs TEMPERATURE
15.3 15.2 SUPPLY CURRENT (mA) 15.1 IMPEDANCE () NO LOAD INPUT FLOATING -40 -15 10 35 60 85 15.0 14.9 14.8 14.7 14.6 14.5 14.4 14.3 TEMPERATURE (C)
50 45 40 35 30 25 20 15 10 5 0 0.01M 0.1M 1M FREQUENCY (Hz) 10M 100M
FIGURE 9. SUPPLY CURRENT vs TEMPERATURE
FIGURE 10. OUTPUT IMPEDANCE vs FREQUENCY
0
4000
INPUT VOLTAGE NOISE ( nV Hz )
-10 -20 PSRR (dB) -30 -40 -50 -60 -70 -80 0.01M 0.1M FREQUENCY (Hz) 1M 10M
3500 3000 2500 2000 1500 1000 500 0 100 1k 10k 100k 1M 10M
FREQUENCY (Hz)
FIGURE 11. PSRR vs FREQUENCY
FIGURE 12. INPUT VOLTAGE NOISE vs FREQUENCY
6
FN6266.0 March 29, 2007
ISL59831 Typical Performance Curves VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20,
CIN = 0.1F 20%, RL = 150, CL = 0pF, unless otherwise noted. (Continued)
0 HARMONIC DISTORTION (dBc) -10 THD -20 -30 THD (dBc) -40 -50 -60 -70 -80 -90 0.5M 1.0M 1.5M 2ND HD 3RD HD VCC = VCP = +3.3V VOUT = 2VP-P, SINE WAVE RL = 150 0 -10 -20 -30 -40 -50 -60 -70 -80 fIN = 500kHz -90 2.0M 2.5M 3.0M 3.5M 4.0M 4.5M 5.0M FREQUENCY (Hz) 0.5 1.0 1.5 2.0 2.5 3.0 fIN = 5MHz VCC = VCP = +3.3V RL = 150
OUTPUT VOLTAGE (VP-P)
FIGURE 13. HARMONIC DISTORTION vs FREQUENCY
FIGURE 14. THD (dBc) vs OUTPUT VOLTAGE (VP-P)
0.02 0.01 0.00 -0.01 DG (%) -0.02 -0.03 -0.04 -0.05 -0.06 -0.07 -0.08 0 1 2 3 4 5 6 STEP 7 8 9 10 11 WAVEFORM = MODULATED RAMP 0 IRE to 100 IRE DP ()
0.4 WAVEFORM = MODULATED RAMP 0 IRE to 100 IRE 0.3
0.2
0.1
0.0
-0.1 0 1 2 3 4 5 6 7 8 9 10 11 STEP
FIGURE 15. DIFFERENTIAL GAIN
FIGURE 16. DIFFERENTIAL PHASE
TIME SCALE = 20ns/DIV CH1 = 1V/DIV CH2 = 1V/DIV CH1 = DISABLE SIGNAL
CH1 = ENABLE SIGNAL TIME = 29.5s
CH2 = OUTPUT SIGNAL TIME SCALE = 5s/DIV CH1 = 1V/DIV CH2 = 1V/DIV CH2 = OUTPUT SIGNAL
FIGURE 17. DISABLE TIME
FIGURE 18. ENABLE TIME (WORST CASE)
7
FN6266.0 March 29, 2007
ISL59831 Typical Performance Curves VCP = VCC = 3.3V, CF = 56nF 20%, CS = 0.1F 20%, RFIL = 20 1%, CFIL = 0.22F 20,
CIN = 0.1F 20%, RL = 150, CL = 0pF, unless otherwise noted. (Continued)
TIME SCALE = 500ns/DIV IN = CH1 = 200mV/DIV OUT = CH2 = 500mV/DIV TIME SCALE = 100ns/DIV IN = CH1 = 200mV/DIV OUT = CH2 = 500mV/DIV
INPUT
INPUT
OUTPUT
OUTPUT
FIGURE 19. 12.5T RESPONSE
FIGURE 20. 2T RESPONSE
3.2 MAX OUTPUT MAGNITUDE (VP-P) 3.1 3.0 2.9 2.8 2.7 2.6 0 fIN = 500kHz AC-COUPLED INPUT 100 200 300 400 500 600 700 800 900 1000
INPUT
OUTPUT
TIME SCALE = 10s/DIV IN = CH1 = 500mV/DIV OUT = CH2 = 1V/DIV
LOAD RESISTANCE ()
FIGURE 21. NTSC COLORBAR
FIGURE 22. MAXIMUM OUTPUT MAGNITUDE vs LOAD RESISTANCE
100 80 GROUP DELAY (ns) 60 40 20 0 -20 0.1M TIME SCALE = 50ns VERTICAL SCALE = 5mV/DIV
1M
10M
100M
FREQUENCY (Hz)
FIGURE 23. GROUP DELAY vs FREQUENCY
FIGURE 24. AMPLIFIER OUTPUT NOISE (CHARGE PUMP OSCILLATION)
8
FN6266.0 March 29, 2007
ISL59831 Description of Operation and Application Information
Theory of Operation
The ISL59831 is a single supply video driver with a reconstruction filter and an on-board charge pump. It is designed to drive SDTV displays with luma (Y) or composite video (CV) signals. The input signal can be AC-coupled or DC-coupled. When AC-coupled, the sync tip clamp sets the blank level to ground at the output. The ISL59831 is capable of driving two AC-coupled or DC-coupled standard video loads and has a 4th order Butterworth reconstruction filter with nominal -3dB frequency set to 9.1MHz, providing 44dB of attenuation at 27MHz. The ISL59831 is designed to operate with a single supply voltage range ranging from 3.0V to 3.6V. This eliminates the need for a split supply with the incorporation of a charge pump capable of generating a bottom rail as much as 1.9V below ground; providing a 5.2V range on a single 3.3V supply. This performance is ideal for NTSC video with negative-going sync pulses.
Video Performance
DIFFERENTIAL GAIN/PHASE For good video performance, an amplifier is required to maintain the same output impedance and the same frequency and phase response as DC levels are changed at the output. This is especially difficult when driving a standard video load of 150 because of the change in output current with changing DC levels. Special circuitry has been incorporated into the ISL59831 for the reduction of output impedance variation with the current output. This results in outstanding differential gain and differential phase specifications of 0.04% and 0.35, while driving 150 at a gain of +2V/V. Driving higher impedance loads would result in similar or better differential gain and differential phase performance. NTSC The ISL59831, generating a negative rail internally, is ideally suited for NTSC video with its accompanying negative-going sync signals.
Output Amplifier
The ISL59831 output amplifier provides a gain of +6dB. The output amplifier is able to drive a 2.8VP-P video signal into a 150 load to ground. The output is a highly-stable, low distortion, low power, high frequency amplifier capable of driving moderate capacitive loads.
Driving Capacitive Loads and Cables
The ISL59831, internally-compensated to drive 75 cables, will drive 220pF loads in parallel with 150 with less than 1.5dB of peaking.
AC-Coupled Inputs
SYNC TIP CLAMP The ISL59831 features a sync tip clamp that sets the black level of the output video signal to ground. This ensures that the sync-tip voltage level is set to approximately -300mV at the back-termination resistor of a standard video load. The clamp is activated whenever the input voltage falls below 0V. The correction voltage required to do this is stored across the input AC-coupling capacitor. Refer to "Block Diagram/Typical Application Circuit" on page 2 for a detailed diagram.
Input/Output Range
The ISL59831 has a recommended dynamic input range of 0VP-P to 1.4VP-P. This allows the device to handle the maximum possible video signal input. As the input signal moves outside the specified range, the output signal will exhibit increasingly higher levels of harmonic distortion. As the load resistance becomes lower, the current drive capability of the device will be challenged and its ability to drive close to each rail is reduced.
The Charge Pump
The ISL59831 charge pump provides a bottom rail up to 1.9V below ground while operating on a 3.0V to 3.6V power supply. The charge pump is internally regulated and is driven by an internal 15MHz clock. To reduce the noise on the power supply generated by the charge pump, connect a low pass RC-network between CPVEEOUT and VEEIN. See "Block Diagram/Typical Application Circuit" on page 2 for further information.
DC-Coupled Inputs
When DC-coupling the inputs ensure that the lowest signal level is greater than +50mV to prevent the clamp from turning on and distorting the output. When DC-coupled the ISL59831 shifts the signal by -550mV from input to output.
Amplifier Disable
The ISL59831 can be disabled and its output placed in a high impedance state. The turn-off time is around 10ns and the turn-on time is around 30s. The turn-on time is greater in length because extra time is given for the charge pump to settle before the amplifier is enabled. When disabled, the amplifier's supply current is reduced to 2A typically, reducing power consumption. The amplifier's power-down can be controlled by standard TTL or CMOS signal levels at the ENABLE pin. The applied logic signal is relative to the GND pin. Applying a signal that is less than 0.8V above
The CPVEEOUT Pin
CPVEEOUT is the output pin for the charge pump. Keep in mind that the output of this pin is generated by the internal charge pump and a fully regulated supply that must be properly bypassed. Bypass this pin with a 0.1F ceramic capacitor placed as close to the pin and connected to the ground plane of the board. 9
FN6266.0 March 29, 2007
ISL59831
GND will disable the amplifier. The amplifier will be enabled when the signal at ENABLE pin is 2V above GND. By setting the two PDMAX equations equal to each other, we can solve the output current and RLOAD to avoid the device overheat.
Output Drive Capability
The maximum output current for the ISL59831 is set at 50mA. Maximum reliability is maintained if the output current never exceeds 50mA, after which the electromigration limit of the process will be exceeded and the part will be damaged. This limit is set by the design of the internal metal interconnections.
Power Supply Bypassing and Printed Circuit Board Layout
Strip line design techniques are recommended for the input and output signal traces. As with any high frequency device, a good printed circuit board layout is necessary for optimum performance. Lead lengths should be as short as possible. The power supply pin must be well bypassed to reduce the risk of oscillation. For normal single supply operation, a single 4.7F tantalum capacitor in parallel with a 0.1F ceramic capacitor from VCC and VCP to GND will suffice. For good AC performance, parasitic capacitance should be kept to a minimum. Use of wire-wound resistors should be avoided because of their additional series inductance. Use of sockets should also be avoided if possible. Sockets add parasitic inductance and capacitance can result in compromised performance. Minimizing parasitic capacitance at the amplifier's inverting input pin is also very important.
Power Dissipation
With the high output drive capability of the ISL59831, it is possible to exceed the +150C absolute maximum junction temperature under certain load current conditions. Therefore, it is important to calculate the maximum junction temperature for an application to determine if load conditions or package types need to be modified to assure operation of the amplifier in a safe operating area. The maximum power dissipation allowed in a package is determined according to Equation 1:
T JMAX - T AMAX PD MAX = ------------------------------------------- JA
(EQ. 1)
Where: TJMAX = Maximum junction temperature TAMAX = Maximum ambient temperature JA = Thermal resistance of the package The maximum power dissipation actually produced by an IC is the total quiescent supply current times the total power supply voltage, plus the power in the IC due to the load, or: for sourcing:
V OUT i PD MAX = V S x I SMAX + ( V S - V OUT i ) x ----------------RL i
(EQ. 2)
for sinking:
PD MAX = V S x I SMAX + ( V OUT i - V S ) x I LOAD i (EQ. 3)
Where: VS = Supply voltage ISMAX = Maximum quiescent supply current VOUT = Maximum output voltage of the application RLOAD = Load resistance tied to ground ILOAD = Load current i = Number of output channels
10
FN6266.0 March 29, 2007
ISL59831 Thin Dual Flat No-Lead Plastic Package (TDFN)
L12.4x3A
2X 0.15 C A A D 2X 0.15 C B
12 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-229-WGED-4 ISSUE C) MILLIMETERS SYMBOL A A1 MIN 0.70 NOMINAL 0.75 0.20 REF 0.18 0.23 4.00 BSC 3.15 3.30 3.00 BSC 1.55 1.70 0.50 BSC 0.20 0.30 0.40 12 6 0.50 1.80 3.40 0.30 MAX 0.80 0.05 NOTES 5,8 7,8 7,8 8 2 3 Rev. 0 1/06 NOTES:
E 6 INDEX AREA TOP VIEW B
A3 b D D2 E E2
// 0.10 0.08 C C
e k
A
L N Nd
SIDE VIEW C SEATING PLANE D2 (DATUM B) 1 2 D2/2
A3
7
8
1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd refers to the number of terminals on D. 4. All dimensions are in millimeters. Angles are in degrees.
NX k
6 INDEX AREA (DATUM A)
5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389.
E2 E2/2
NX L N 8 N-1 NX b e (Nd-1)Xe REF. BOTTOM VIEW (A1) L e SECTION "C-C" TERMINAL TIP FOR EVEN TERMINAL/SIDE 5 0.10 M CAB C L
NX (b) 5
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11
FN6266.0 March 29, 2007


▲Up To Search▲   

 
Price & Availability of ISL59831

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X